전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OXES250G1L/3 데이터시트(PDF) 1 Page - ABB

부품명 OXES250G1L/3
상세설명  OXES250G1L/3 TERMINAL SHROUD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

OXES250G1L/3 데이터시트(HTML) 1 Page - ABB

  OXES250G1L/3 Datasheet HTML 1Page - ABB OXES250G1L/3 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OXES250G1L/3 TERMINAL SHROUD
OXES250G1L/3
Extended Product Type
OXES250G1L/3
Product ID
1SCA150191R1001
EAN
6417019801506
Catalog Description
OXES250G1L/3 TERMINAL SHROUD
Long Description
OXES250G1L/3 TERMINAL SHROUD
General Information
PRODUCT-DETAILS
Ordering
1 piece
Minimum Order Quantity
85389099
Customs Tariff Number
Finland (FI)
Country of Origin
Popular Downloads
1SCC303008C0201
Data Sheet, Technical
Information
1SCC303011M0201
Instructions and
Manuals
Dimensions
45 mm
1.77 in
Product Net Width


유사한 부품 번호 - OXES250G1L/3

제조업체부품명데이터시트상세설명
logo
ABB
OXES250G1L/4 ABB-OXES250G1L/4 Datasheet
111Kb / 2P
OXES250G1L/4 TERMINAL SHROUD
More results

유사한 설명 - OXES250G1L/3

제조업체부품명데이터시트상세설명
logo
Altech corporation
2ESS1 ALTECH-2ESS1 Datasheet
200Kb / 1P
E-Stop Shroud 2ESS1
logo
Samtec, Inc
ATS-30-Q SAMTEC-ATS-30-Q Datasheet
91Kb / 2P
ELEVATED SQT ASSM SHROUD
logo
List of Unclassifed Man...
P675 ETC2-P675 Datasheet
107Kb / 1P
SMP MALE PRESS FIT SHROUD
logo
SeCoS Halbleitertechnol...
SJ78M08 SECOS-SJ78M08 Datasheet
85Kb / 2P
3-Terminal
logo
NTE Electronics
72-031 NTE-72-031 Datasheet
135Kb / 3P
Fixed Shroud Plug, 4mm
logo
TDK Electronics
MEA1608LC080T001 TDK-MEA1608LC080T001 Datasheet
164Kb / 3P
3-terminal Filters
logo
Amphenol Corporation
3211-60027 AMPHENOL-3211-60027 Datasheet
73Kb / 1P
SMPM FD MALE HERMETIC SHROUD
logo
Amphenol Communications...
70203 AMPHENOLCS-70203 Datasheet
80Kb / 1P
mrtral shroud 4 rows standard
Rev F -2006-04-17
logo
Amphenol SV Microwave
012-80-484 SVMICROWAVE-012-80-484 Datasheet
490Kb / 1P
3mm DETENT SHROUD
9/17
012-80-485 SVMICROWAVE-012-80-485 Datasheet
490Kb / 1P
3mm SMOOTH BORE SHROUD
9/17
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com