전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G04 데이터시트(PDF) 12 Page - Diodes Incorporated

부품명 74LVC2G04
상세설명  DUAL INVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G04 데이터시트(HTML) 12 Page - Diodes Incorporated

Back Button 74LVC2G04 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 10Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 11Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 12Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
74LVC2G04
Document number: DS35160 Rev. 6 - 2
12 of 13
www.diodes.com
March 2015
© Diodes Incorporated
74LVC2G04
X2-DFN1410-6
Package Outline Dimensions and Suggested Pad Layout
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
X2-DFN1410-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.15
0.25
0.20
D
1.35
1.45
1.40
E
0.95
1.05
1.00
e
––
––
0.50
L
0.25
0.35
0.30
Z
––
––
0.10
Z1
0.045
0.105 0.075
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
D
E
e
L(6x)
A
A3
(Pin #1 ID)
Seating Plane
Z(4x)
A1
b(6x)
Z1(4x)
1
X1
Y1
Y(6x)
X(6x)
G(4x)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13