전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT147 데이터시트(PDF) 4 Page - Clarke International

부품명 CAT147
상세설명  MINI AIR BLOWGUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT147 데이터시트(HTML) 4 Page - Clarke International

  CAT147 Datasheet HTML 1Page - Clarke International CAT147 Datasheet HTML 2Page - Clarke International CAT147 Datasheet HTML 3Page - Clarke International CAT147 Datasheet HTML 4Page - Clarke International CAT147 Datasheet HTML 5Page - Clarke International CAT147 Datasheet HTML 6Page - Clarke International CAT147 Datasheet HTML 7Page - Clarke International CAT147 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK ENVIRONMENT
1. Keep the work area clean and tidy.
2. Dress appropriately - Do not wear loose clothing or jewellery. Tie long hair
out of the way.
3. Keep children and visitors away - Do not let children handle the tool.
4. Do not operate the tool where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. Stay alert and use common sense - do not operate the tool when you are
tired or under the influence of alcohol, drugs or medication.
2. Always wear eye protectors when using the air tool. Eye protectors must
provide protection from flying particles from the front and the side.
3. Do not overreach - Keep proper footing and balance at all times.
4. Never use oxygen, CO2, combustible gasses or any type of bottled gas as
a source of power for this tool.
5. Do not connect the air supply hose with your finger on the trigger.
6. Do not exceed the maximum pressure for the air tool of 90 psi / 6.2 bar.
7. Keep the air supply hose away from heat, oil and sharp edges.
8. Do not fit the air tool to any stand or clamping device that may damage it.
9. Check hoses for leaks or worn condition before use and ensure that all
connections are secure.
10. Do not use the air tool for any purpose than that described in this manual.
11. Do not carry out any alterations or modifications to the air tool.
12. Always disconnect from the air supply when performing any maintenance.
13. Never use the air tool if it is defective or operating abnormally.
14. Always maintain the air tool with care. Keep it clean for the best and safest
performance.
15. Never discharge this blow gun at any persons or animals.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY, AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com