| 전자부품 데이터시트 검색엔진 |
|
AM2431BSDGHIALVR. 데이터시트(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. 데이터시트(HTML) 55 Page - Texas Instruments |
|
55 / 282 page ![]() Table 5-1. Pin Attributes (ALV, ANI, ALX Packages) (continued) ALV ANI BALL NUMBER [1] ALX BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET RX/TX/PULL [7] BALL STATE AFTER RESET RX/TX/PULL [8] MUX MODE AFTER RESET [9] IO OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [14] Pull UP/DOWN TYPE [13] K12 H14 VDDA_MCU VDDA_MCU PWR N12 N12 VDDA_PLL0 VDDA_PLL0 PWR H9 G9 VDDA_PLL1 VDDA_PLL1 PWR J11 G12 VDDA_PLL2 VDDA_PLL2 PWR G11 G11 VDDA_TEMP0 VDDA_TEMP0 PWR L11 M11 VDDA_TEMP1 VDDA_TEMP1 PWR L10, M13 G5, G6, J10, J12, P14, P8, R10 VDDR_CORE VDDR_CORE PWR F11, G12, G14 C13, D13, E14 VDDSHV0 VDDSHV0 PWR M7, N6, P7 L6, M6, P5, P6 VDDSHV1 VDDSHV1 PWR R10, R8, T9 T11, T8, U11, U7, U8 VDDSHV2 VDDSHV2 PWR P14, P15 R17, T17 VDDSHV3 VDDSHV3 PWR M14, M15 N16, N17 VDDSHV4 VDDSHV4 PWR L14, L15 L16, L17 VDDSHV5 VDDSHV5 PWR F9, G10, G8 E7, E8, E9 VDDSHV_MCU VDDSHV_MCU PWR F7, G6, H7, J6, K7, L6 VDDS_DDR VDDS_DDR PWR J8 VDDS_DDR_C VDDS_DDR_C PWR K14 VDDS_MMC0 VDDS_MMC0 PWR H13 F18 VDDS_OSC VDDS_OSC PWR J10, J12, K11, K9, L12, L8, M11, M9, N10, N8, P9 F11, G10, H15, H8, J9, K11, K14, L13, L9, M14, M8, N10, N9, R12, R13, R9 VDD_CORE VDD_CORE PWR H14 VDD_DLL_MMC0 VDD_DLL_MMC0 PWR K13 VDD_MMC0 VDD_MMC0 PWR K16 VMON_1P8_MCU VMON_1P8_MCU A E12 F14 VMON_1P8_SOC VMON_1P8_SOC A F13 VMON_3P3_MCU VMON_3P3_MCU A F14 E15 VMON_3P3_SOC VMON_3P3_SOC A K10 G13 VMON_VSYS VMON_VSYS A www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 55 Product Folder Links: AM2434 AM2432 AM2431 |