| 전자부품 데이터시트 검색엔진 |
|
AM2431BSDGHIALVR. 데이터시트(PDF) 120 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. 데이터시트(HTML) 120 Page - Texas Instruments |
|
120 / 282 page ![]() 6.11 Timing and Switching Characteristics This section describes the device Timing Parameters and Switching Characteristics. Note The default PADCONFIG settings for output slew rate and/or drive strength must be used to ensure compliance with timing specifications, unless specific instructions are provided otherwise. Modifying these settings may affect signal integrity and timing performance. For more information on the supported PADCONFIG options, see the Pad Configuration Registers section of the device TRM. 6.11.1 Timing Parameters and Information The timing parameter symbols used in Timing and Switching Characteristics sections are created in accordance with JEDEC Standard 100. To shorten the symbols, some pin names and other related terminologies have been abbreviated in Table 6-4: Table 6-4. Timing Parameters Subscripts SYMBOL PARAMETER c Cycle time (period) d Delay time dis Disable time en Enable time h Hold time su Setup time START Start bit t Transition time v Valid time w Pulse duration (width) X Unknown, changing, or don't care level F Fall time H High L Low R Rise time V Valid IV Invalid AE Active Edge FE First Edge LE Last Edge Z High impedance AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 120 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |