| 전자부품 데이터시트 검색엔진 |
|
AM2431BSDGHIALXR. 데이터시트(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALXR. 데이터시트(HTML) 27 Page - Texas Instruments |
|
27 / 282 page ![]() Table 5-1. Pin Attributes (ALV, ANI, ALX Packages) (continued) ALV ANI BALL NUMBER [1] ALX BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET RX/TX/PULL [7] BALL STATE AFTER RESET RX/TX/PULL [8] MUX MODE AFTER RESET [9] IO OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [14] Pull UP/DOWN TYPE [13] C17 B14 MCAN1_TX PADCONFIG: PADCONFIG150 0x000F4258 MCAN1_TX 0 O Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV0 Yes LVCMOS PU/PD I2C3_SCL 1 IOD 1 ECAP1_IN_APWM_OUT 2 IO 0 SYSCLKOUT0 3 O TIMER_IO4 4 IO 0 UART5_RXD 5 I 1 EHRPWM_SOCA 6 O GPIO1_62 7 IO pad EQEP2_A 8 I 0 UART0_DCDn 9 I 1 E9 MCU_I2C0_SCL PADCONFIG: MCU_PADCONFIG18 0x04084048 MCU_I2C0_SCL 0 IOD 1 Off / Off / NA On / SS / NA 7 1.8V / 3.3V VDDSHV_MCU Yes I2C OD FS MCU_GPIO0_18 7 IOD pad A10 MCU_I2C0_SDA PADCONFIG: MCU_PADCONFIG19 0x0408404C MCU_I2C0_SDA 0 IOD 1 Off / Off / NA On / SS / NA 7 1.8V / 3.3V VDDSHV_MCU Yes I2C OD FS MCU_GPIO0_19 7 IOD pad A11 MCU_I2C1_SCL PADCONFIG: MCU_PADCONFIG20 0x04084050 MCU_I2C1_SCL 0 IOD 1 Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV_MCU Yes LVCMOS PU/PD MCU_GPIO0_20 7 IO pad B10 MCU_I2C1_SDA PADCONFIG: MCU_PADCONFIG21 0x04084054 MCU_I2C1_SDA 0 IOD 1 Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV_MCU Yes LVCMOS PU/PD MCU_GPIO0_21 7 IO pad C21 D20 MCU_OSC0_XI MCU_OSC0_XI I 1.8V VDDS_OSC Yes HFOSC B20 C21 MCU_OSC0_XO MCU_OSC0_XO O 1.8V VDDS_OSC Yes HFOSC B21 C20 MCU_PORz PADCONFIG: MCU_PADCONFIG23 0x0408405C MCU_PORz 0 I 0 1.8V VDDS_OSC Yes FS RESET B13 A6 MCU_RESETSTATz PADCONFIG: MCU_PADCONFIG24 0x04084060 MCU_RESETSTATz 0 O Off / Low / Off Off / SS / Off 0 1.8V / 3.3V VDDSHV_MCU Yes LVCMOS PU/PD MCU_GPIO0_22 7 IO pad B12 A5 MCU_RESETz PADCONFIG: MCU_PADCONFIG22 0x04084058 MCU_RESETz 0 I On / Off / Up On / Off / Up 0 1.8V / 3.3V VDDSHV_MCU Yes LVCMOS PU/PD www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: AM2434 AM2432 AM2431 |