전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM261...ZEJQ1 데이터시트(PDF) 24 Page - Texas Instruments

부품명 AM261...ZEJQ1
상세설명  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 데이터시트(HTML) 24 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 20Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 21Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 22Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 23Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 24Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 25Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 26Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 27Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
C9
D11
B9
GPIO15
GPIO15_CFG_REG
0x5310 003C
0x0000 05F7
SPI1_CS0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
EPWM7_A
1
O
MMC0_D2
2
IO
UART4_TXD
3
O
PR1_PRU1_GPIO4
5
IO
GPIO15
7
IO
GPMC0_WAIT0
8
I
ADC_EXTCH_XBAROUT4
9
O
XBAROUT1
10
O
A10
A12
B10
GPIO16
GPIO16_CFG_REG
0x5310 0040
0x0000 05F7
SPI1_CLK
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
EPWM7_B
1
O
MMC0_D3
2
IO
UART4_RXD
3
I
PR1_PRU1_GPIO3
5
IO
FSIRX0_CLK
6
I
GPIO16
7
IO
GPMC0_OEn_REn
8
O
ADC_EXTCH_XBAROUT5
9
O
XBAROUT2
10
O
B10
D10
A9
GPIO17
GPIO17_CFG_REG
0x5310 0044
0x0000 05F7
SPI1_D0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
EPWM8_A
1
O
MMC0_WP
2
I
UART5_TXD
3
O
OSPI0_ECC_FAIL
4
I
PR1_PRU1_GPIO16
5
IO
FSIRX0_DATA0
6
I
GPIO17
7
IO
GPMC0_DIR
8
O
ADC_EXTCH_XBAROUT6
9
O
XBAROUT3
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More