전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54HC4543 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M54HC4543
상세설명  BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4543 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M54HC4543 Datasheet HTML 4Page - STMicroelectronics M54HC4543 Datasheet HTML 5Page - STMicroelectronics M54HC4543 Datasheet HTML 6Page - STMicroelectronics M54HC4543 Datasheet HTML 7Page - STMicroelectronics M54HC4543 Datasheet HTML 8Page - STMicroelectronics M54HC4543 Datasheet HTML 9Page - STMicroelectronics M54HC4543 Datasheet HTML 10Page - STMicroelectronics M54HC4543 Datasheet HTML 11Page - STMicroelectronics M54HC4543 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SO16 (Narrow) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.004
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45
° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8
° (max.)
P013H
M54/M74HC4543
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12