전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54HC4538F1R 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M54HC4538F1R
상세설명  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538F1R 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M54HC4538F1R Datasheet HTML 6Page - STMicroelectronics M54HC4538F1R Datasheet HTML 7Page - STMicroelectronics M54HC4538F1R Datasheet HTML 8Page - STMicroelectronics M54HC4538F1R Datasheet HTML 9Page - STMicroelectronics M54HC4538F1R Datasheet HTML 10Page - STMicroelectronics M54HC4538F1R Datasheet HTML 11Page - STMicroelectronics M54HC4538F1R Datasheet HTML 12Page - STMicroelectronics M54HC4538F1R Datasheet HTML 13Page - STMicroelectronics M54HC4538F1R Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Plastic DIP16 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
P001C
M54/M74HC4538
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14