전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPW5202SB5F21 데이터시트(PDF) 9 Page - Lowpower Semiconductor inc

부품명 LPW5202SB5F21
상세설명  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER [Lowpower Semiconductor inc]
홈페이지  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202SB5F21 데이터시트(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LPW5202SB5F21 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 10Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 11Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 12Page - Lowpower Semiconductor inc LPW5202SB5F21 Datasheet HTML 13Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 9 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Function Description
LPW5202 series are current limited switches that protect
systems and loads which can be damaged or disrupted by
the application of high currents. The devices all contain a
70mΩ P-channel MOSFET and a controller capable of
working over a wide input operating range of 2.4V to 6V.
The controller protects against system malfunctions
through current limiting, under-voltage lockout and thermal
shutdown. The current limit is adjustable from 200mA to
2.5A through an external resistor, or fixed value typical
1.35A, 1.6A or 2.35A to allow 1.1A, 1.5A or 2.1A
applications.
Enable control
The EN pin controls the state of the switch. When EN is
pulled high, the load switch is turned on. Activating EN
continuously holds the switch in the on state so long as
there is no fault. For all versions, an under-voltage on IN
or a junction temperature in excess of 150°C overrides the
EN control to turn off the switch. The LPW5202 does not
turn off in response to an over current condition but instead
remains operating in a constant current mode as long as
EN is active and the thermal shutdown or under-voltage
lockout have not activated.
The enable pin
EN’s control voltage and IN pin have
independent recommended operating ranges. The EN pin
voltage can be driven by a voltage level higher than the
input voltage.
Reverse Voltage Protection
The LPW5202 has a reverse voltage protection feature
that protects the input when output voltage is higher than
the input. For a standard USB power design, this is an
important feature to protect the USB host from being
damaged due to the current flow from VBUS.
When the load switch is OFF, no current flows from the
output to the input. If the switch is turned on and VOUT - VIN
is higher than VRVP, this feature is activated and turns off
the switch. This prevents any current flow from output to
input. The reverse voltage protection feature will be
deactivated if the VOUT is smaller than VIN. FLAGB
operation is independent of the reverse voltage protection
and does not report a fault condition if this feature is
activated
Current Limit
The current limit ensures that the current through the
switch doesn't exceed a maximum value while not limiting
at less than a minimum value. The current at which the
parts will limit is fixed (LPW5202F/S) or adjustable through
the selection of an external resistor connected to ISET
(LPW5202A). The LPW5202F have a de-bounce time of
10ms, nominally, for indicator pin. At the end of this time,
the FLAGB will be internally pulled down. As long as the
heavy load condition continued, the LPW5202 will remain
in a constant current state until the EN pin is deactivated
or the thermal shutdown turns-off the switch.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input
voltage drops below the under-voltage lockout threshold.
With the EN pin active, the input voltage rising above the
under-voltage lockout threshold will cause a controlled
turn-on of the switch which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the die from internally or
externally generated excessive temperatures. During an
over temperature condition, the switch is turned off. The
switch automatically turns on again if the temperature of
the die drops below the threshold temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com