전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMF450 데이터시트(PDF) 9 Page - ABB

부품명 TMF450
상세설명  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

TMF450 데이터시트(HTML) 9 Page - ABB

Back Button TMF450 Datasheet HTML 4Page - ABB TMF450 Datasheet HTML 5Page - ABB TMF450 Datasheet HTML 6Page - ABB TMF450 Datasheet HTML 7Page - ABB TMF450 Datasheet HTML 8Page - ABB TMF450 Datasheet HTML 9Page - ABB TMF450 Datasheet HTML 10Page - ABB TMF450 Datasheet HTML 11Page - ABB TMF450 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/9
Switching - BS Fuse Range
Description
Fixing Centres
MEM Part
GEC Part
Bussman
ABB
(mm)
Number
Number
Number
Part Number
Part Number
Price £
355A C1 fuselink
133/184
355SH8
TM355
EF355
ATM355
20.15
400A C1 fuselink
133/184
400SH8
TM400
EF400
ATM400
21.39
450A C2 fuselink
133/184
450SH9
TTM450
FF450
ATTM450
31.24
500A C2 fuselink
133/184
500SH9
TTM500
FF500
ATTM500
33.34
560A C2 fuselink
133/184
560SH9
TTM560
FF560
ATTM560
34.73
630A C2 fuselink
133/184
630SH9
TTM630
FF630
ATTM630
36.67
710A C3 fuselink
133/184
710SH10
TLM710
GF710
ATLM710
70.59
800A C3 fuselink
133/184
800SH10
TLM800
GF800
ATLM800
83.02
2A F1 fuselink
60*
2SN2
NS2
N
ANS2
1.28
4A F1 fuselink
60*
4SN2
NS4
N
ANS4
1.28
6A F1 fuselink
60*
6SN2
NS6
N
ANS6
1.28
10A F1 fuselink
60*
10SN2
NS10
N
ANS10
1.28
16A F1 fuselink
60*
16SN2
NS16
N
ANS16
1.28
20A F1 fuselink
60*
20SN2
NS20
N
ANS20
1.54
25A F1 fuselink
60*
25SN2
NS25
N
ANS25
1.82
32A F1 fuselink
60*
32SN2
NS32
N
ANS35
1.82
20A F2 fuselink
68*
20SP
ES20
E
AES20
2.01
25A F2 fuselink
68*
25SP
ES25
E
AES25
2.41
32A F2 fuselink
68*
32SP
ES32
E
AES32
2.41
40A F2 fuselink
68*
40SP
ES40
E
AES40
2.68
50A F2 fuselink
68*
50SP
ES50
E
AES50
3.11
63A F2 fuselink
68*
63SP
ES63
E
AES63
3.53
2A fuselink
111
2SF3
TBC2
AD2
ATBC2
4.39
4A fuselink
111
4SF3
TBC4
AD4
ATBC4
4.39
6A fuselink
111
6SF3
TBC6
A
ATBC6
4.39
10A fuselink
111
10SF3
TBC10
AD10
ATBC10
4.39
16A fuselink
111
16SF3
TBC16
AD16
ATBC16
4.39
20A fuselink
111
20SF3
TBC20
AD20
ATBC20
4.39
25A fuselink
111
25SF3
TBC25
AD25
ATBC25
4.39
32A fuselink
111
32SF3
TBC32
AD32
ATBC32
4.71
40A B1 fuselink
111
40SF3
TBC40
BD40
ATBC40
4.71
50A B1 fuselink
111
50SF3
TBC50
BD50
ATBC50
4.78
63A B1 fuselink
111
63SF3
TBC63
BD63
ATBC63
5.16
32A A2 fuselink
73
32SB3M40
TIA32M40
AAO32M40
ATIA32M40
2.93
32A A2 fuselink
73
32SB3M50
TIA32M50
AAO32M50
ATIA32M50
2.93
32A A2 fuselink
73
32SB3M63
TIA32M63
AAO32M63
ATIA32M63
3.31
63A A3 fuselink
73
63SB4M80
TIS63M80
BAO63M80
ATIS63M80
5.82
63A A3 fuselink
73
63B4M100
TIS63M100
BAO63M100
ATIS63M100
6.07
100A A4 fuselink
94
100SD5M125
TCP100M125
CD100M125
ATCP100M125
9.91
100A A4 fuselink
94
100SD5M160
TCP100M160
CD100M160
ATCP100M160
10.02
100A A4 fuselink
94
100SD5M200
TCP100M200
CD100M160
ATCP100M200
11.34
100A B1 fuselink
111
100SF5M125
TC100M125
C
ATC100M125
9.90
100A B1 fuselink
111
100SF5M160
TC100M160
C
ATC100M160
10.04
100A B1 fuselink
111
100SF5M200
TC100M200
C
ATC100M200
11.34
200A B2 fuselink
111
200SF6M250
TF200M250
DD200M250
ATF200M250
15.67
200A B2 fuselink
111
200SF6M315
TF200M315
DD200M315
ATF200M315
17.31
315A B3 fuselink
111
315SF7M400
TKF315M400
ED315M400
ATKF315M400
22.43
400A B4 fuselink
111
400SF8M500
TMF400M500
ED400M500
ATMF400M500
53.87
ATLM
ATM
ATTM
ATBC
ATB
ANS
AES
ATC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com