전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X10213 데이터시트(PDF) 2 Page - United Automation Ltd. All rights reserved

부품명 X10213
상세설명  15A, 1.6kW-4kW, 110V - 230V Single Phase Switched Fan Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
홈페이지  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10213 데이터시트(HTML) 2 Page - United Automation Ltd. All rights reserved

  X10213 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X10213 Datasheet HTML 2Page - United Automation Ltd. All rights reserved X10213 Datasheet HTML 3Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
X10690 Fan Speed Controllers
VAC2/S-15E & VAC1/S-15E
15A, 1.6kW-4kW, 110V - 230V
Single Phase Switched Fan Controller
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 7
Page
2 of 3
INSTALLATION
DIMENSIONS & CONNECTIONS
COOLING REQUIREMENTS



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com