전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F149IPM 데이터시트(PDF) 78 Page - Texas Instruments

부품명 MSP430F149IPM
상세설명  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F149IPM 데이터시트(HTML) 78 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 74Page - Texas Instruments MSP430F149IPM Datasheet HTML 75Page - Texas Instruments MSP430F149IPM Datasheet HTML 76Page - Texas Instruments MSP430F149IPM Datasheet HTML 77Page - Texas Instruments MSP430F149IPM Datasheet HTML 78Page - Texas Instruments MSP430F149IPM Datasheet HTML 79Page - Texas Instruments MSP430F149IPM Datasheet HTML 80Page - Texas Instruments MSP430F149IPM Datasheet HTML 81Page - Texas Instruments MSP430F149IPM Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Apr-2026
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
MSP430F135IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPMG4
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPMG4.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F135IPMG4.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM.A
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1471IPM.B
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPAG.A
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPAG.B
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM.A
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM.B
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F147IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM.A
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM.B
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1481IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPAG.A
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPAG.B
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM.A
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F148IPM.B
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM.A
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM.A
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM.B
PM
LQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
MSP430F1491IPM.B
PM
LQFP
64
160
8 X 20
150
315
135.9
7620
15.2
13.1
13
MSP430F149IPAG
PAG
TQFP
64
160
8 x 20
150
315
135.9
7620
15.2
13.1
13
Pack Materials-Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88