| 전자부품 데이터시트 검색엔진 |
|
M54HC692 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC692 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 23 page ![]() Symbol Parameter Test Conditions Value Unit VCC (V) CL (pF) TA =25 oC 54HC and 74HC -40 to 85 oC 74HC -55 to 125 oC 54HC Min. Typ. Max. Min. Max. Min. Max. fMAX Maximum Clock Frequency 2.0 50 4.4 12 3.6 3 MHz 4.5 22 45 18 15 6.0 26 53 21 18 tPZL tPZH Output Enable Time 2.0 50 RL =1 K Ω 48 120 150 180 ns 4.5 15 24 30 36 6.0 13 20 26 31 2.0 150 RL =1 K Ω 61 150 190 225 ns 4.5 19 30 38 45 6.0 17 26 32 38 tPLH tPHL Output Disable Time 2.0 50 RL =1 K Ω 32 145 180 220 ns 4.5 15 29 36 44 6.0 13 25 31 37 tW(H) tW(L) Minimum Pulse Width (CCK - RCK) 2.0 50 28 75 95 110 ns 4.5 7 151922 6.0 6 131619 tW(L) Minimum Pulse Width (CCLR - RCLR) (for HC690/691) 2.0 50 40 75 95 110 ns 4.5 8 151922 6.0 7 131619 ts Minimum Set-up Time (LOAD, ENT, ENP) 2.0 50 68 150 190 220 ns 4.5 17 30 38 44 6.0 14 26 32 37 ts Minimum Set-up Time (A, B, C, D) 2.0 50 44 100 125 145 ns 4.5 11 20 25 29 6.0 9 172125 ts Minimum Set-up Time (CCLR, RCLR) (for HC692/693) 2.0 50 44 100 125 145 ns 4.5 11 20 25 29 6.0 9 172125 ts Minimum Set-up Time (CCK, RCK) 2.0 50 48 125 155 180 ns 4.5 12 25 31 36 6.0 10 21 26 31 th Minimum Hold Time 2.0 50 000 ns 4.5 0 0 0 6.0 0 0 0 tREM Minimum Removal Time (for HC690/691) 2.0 50 25 30 40 ns 4.5 5 6 8 6.0 5 5 7 CIN Input Capacitance 5 10 10 10 pF CPD (*) Power Dissipation Capacitance for HC690/691 for HC692/693 70 80 pF (*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD •VCC •fIN +ICC AC ELECTRICAL CHARACTERISTICS (Continued) M54/M74HC690/691/692/693 15/23 |