| 전자부품 데이터시트 검색엔진 |
|
REF5040AID 데이터시트(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5040AID 데이터시트(HTML) 30 Page - Texas Instruments |
|
30 / 52 page ![]() • Add a high-frequency, 1μF capacitor in parallel between the output and ground to filter noise and help with switching loads as data converters. 9.4.1.2 REF50xxEI Layout Guidelines • Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended value of this bypass capacitor is from 0.1μF to 10μF. If necessary, add decoupling capacitance to compensate for noisy or high-impedance power supplies. Verify that the smallest capacitor is placed closest to the device. • Place a 0.1μF to 1μF class 1 noise filtering capacitor between the NR pin and ground. • Verify that the output decouples with a 1μF to 100μF low ESR (maximum 1Ω) capacitor. 9.4.2 Layout Example DNC V IN TEMP GND DNC NC V OUT TRIM/NR C C R C C Figure 9-3. Layout Example for REF50xxI, REF50xxAI Figure 9-4. Layout Example for REF50xxEI 9.4.3 Power Dissipation The REF50xx family is specified to deliver current loads of ±10mA over the specified input voltage range. The temperature of the device increases according to Equation 6: TJ = TA + PD × θJA (6) where • TJ = junction temperature (°C) • TA = ambient temperature (°C) • PD = power dissipated (W) • θJA = junction-to-ambient thermal resistance (°C/W) Establish that the REF50xx junction temperature does not exceed the absolute maximum rating of 150°C. REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 www.ti.com 30 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: REF50 REF50E |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |