전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LHDFCMDM 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 LHDFCMDM
상세설명  HDMI FEMALE TO MINI HDMI MALE/MICRO HDMI MALE SPLIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LHDFCMDM 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  LHDFCMDM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
PIN ASSIGNMENT
CN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SHELL
CN2
2
1
3
5
4
6
8
7
9
11
10
12
17
13
15
16
14
18
19
SHELL
CN3
4
3
5
7
6
8
10
9
11
13
12
14
16
15
17
18
2
19
1
SHELL
1.26
32
.55
14
.81
20.6
1.06
26.9
.26±.01
6.5±0.3
.24±.01
6.0±0.3
BLACK PVC
.32
8.1
.47
12
.410+-
.001
.002
10.42+-
0.03
0.04
.095+-
.001
.002
2.42+-
0.03
0.04
CN1
HDMI TYPE C MALE
PIN: G/F
SHELL: G/F
PIN 19
PIN 1
.087±.001
2.20±0.03
.230±.001
5.83±0.03
CN3
HDMI TYPE D MALE
PIN: G/F
SHELL: G/F
PIN 1
PIN 19
.551+-
.002
.002
14.00+-
0.05
0.04
.179+-
.002
.002
4.55+-
0.05
0.04
CN2
HDMI TYPE A FEMALE
PIN: G/F
SHELL: G/F
PIN 1
PIN 2
PIN 19
PIN 18
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
PASS 1080P60HZ TEST
5.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
2.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IAW L-COM
3.
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
08/29/2024
HBAKKE
GUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LHDFCMDM
A
HDMI FEMALE TO MINI HDMI MALE/MICRO HDMI MALE SPLIT
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


유사한 부품 번호 - LHDFCMDM

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
LHDFCM L-COM-LHDFCM Datasheet
124Kb / 1P
USB C MALE TO HDMI FEMALE ADAPTER
08/29/2024
LHDFCMA L-COM-LHDFCMA Datasheet
136Kb / 1P
USB C MALE TO HDMI FEMALE ADAPTER, ALUMINUM ALLOY
08/29/2024
More results

유사한 설명 - LHDFCMDM

제조업체부품명데이터시트상세설명
logo
SUYIN USA, INC.
100098FD019SX01ZA SUYIN-USA-100098FD019SX01ZA Datasheet
251Kb / 3P
HDMI Solder Type male Connector
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
List of Unclassifed Man...
HD-DVI-MM-4 ETC2-HD-DVI-MM-4 Datasheet
1Mb / 2P
HDMI Cable, HDMI Male / DVI-D Male Single Link 4.0 M
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P131-06N-MINI TRIPPLITE-P131-06N-MINI Datasheet
163Kb / 2P
Mini HDMI Male to VGA Female Adapter Cable - 6 in., 1920x1200, 1080p
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com