전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LHDFFA21 데이터시트(PDF) 1 Page - Infinite Electronics International, Inc.

부품명 LHDFFA21
상세설명  HDMI 2.1 FEMALE TO FEMALE ADAPTER, ALUMINUM ALLOY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LHDFFA21 데이터시트(HTML) 1 Page - Infinite Electronics International, Inc.

  LHDFFA21 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.13
28.8
.81
20.6
PIN ASSIGNMENT
CN1
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
SHELL
CN2
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
SHELL
.39
10
GREY ALUMINUM ALLOY
HOUSING, BLACK PVC
.551+-
.002
.002
14.00+-
0.05
0.04
.179+-
.002
.002
4.55+-
0.05
0.04
CN2
HDMI TYPE A FEMALE
PIN: G/F
SHELL: G/F
PIN 18
PIN 19
PIN 2
PIN 1
.551+-
.002
.002
14.00+-
0.05
0.04
.179+-
.002
.002
4.55+-
0.05
0.04
CN1
HDMI TYPE A FEMALE
PIN: G/F
SHELL: G/F
PIN 2
PIN 1
PIN 19
PIN 18
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
PASS 8K60HZ TEST
5.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
2.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IAW L-COM
3.
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
08/29/2024
HBAKKE
GUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LHDFFA21
A
HDMI 2.1 FEMALE TO FEMALE ADAPTER, ALUMINUM ALLOY
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


유사한 부품 번호 - LHDFFA21

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
LHDF-RB10300000000 LUMILEDS-LHDF-RB10300000000 Datasheet
1Mb / 12P
Chip Scale Package LED
LHDF-RB10300005000 LUMILEDS-LHDF-RB10300005000 Datasheet
1Mb / 12P
Chip Scale Package LED
LHDF-RB10400000000 LUMILEDS-LHDF-RB10400000000 Datasheet
1Mb / 12P
Chip Scale Package LED
LHDF-RB10400005000 LUMILEDS-LHDF-RB10400005000 Datasheet
1Mb / 12P
Chip Scale Package LED
LHDF-RB10500000000 LUMILEDS-LHDF-RB10500000000 Datasheet
1Mb / 12P
Chip Scale Package LED
More results

유사한 설명 - LHDFFA21

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
Adapter BNC Female To Female
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
ADAPTER BNC FEMALE TO FEMALE
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
logo
Amphenol Corporation
1138-4025 AMPHENOL-1138-4025 Datasheet
92Kb / 1P
SMPS FEMALE TO FEMALE ADAPTER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com