전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT91SAM7S64 데이터시트(PDF) 10 Page - ATMEL Corporation

부품명 AT91SAM7S64
상세설명  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 데이터시트(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
5.3
48-lead LQFP Mechanical Overview
Figure 5-1 shows the orientation of the 48-lead LQFP package. A detailed mechanical descrip-
tion is given in the section Mechanical Characteristics of the product datasheet.
Figure 5-2.
48-lead LQFP Package Pinout (Top View)
5.4
48-lead LQFP Pinout
25
37
36
24
13
12
1
48
Table 5-2.
AT91SAM7S32 Pinout in 48-lead LQFP Package
1
ADVREF
13
VDDIO
25
TDI
37
TDO
2
GND
14
PA16/PGMD4
26
PA6/PGMNOE
38
JTAGSEL
3
AD4
15
PA15/PGMD3
27
PA5/PGMRDY
39
TMS
4
AD5
16
PA14/PGMD2
28
PA4/PGMNCMD
40
TCK
5
AD6
17
PA13/PGMD1
29
NRST
41
VDDCORE
6
AD7
18
VDDCORE
30
TST
42
ERASE
7
VDDIN
19
PA12/PGMD0
31
PA3
43
VDDFLASH
8
VDDOUT
20
PA11/PGMM3
32
PA2/PGMEN2
44
GND
9
PA17/PGMD5/AD0
21
PA10/PGMM2
33
VDDIO
45
XOUT
10
PA18/PGMD6/AD1
22
PA9/PGMM1
34
GND
46
XIN/PGMCK
11
PA19/PGMD7/AD2
23
PA8/PGMM0
35
PA1/PGMEN1
47
PLLRC
12
PA20/AD3
24
PA7/PGMNVALID
36
PA0/PGMEN0
48
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42