| 전자부품 데이터시트 검색엔진 |
|
12NM50 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
12NM50 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 17 page ![]() STP12NM50-STP12NM50FP-STB12NM50-STB12NM50-1 Electrical ratings 3/17 1 Electrical ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit TO-220- /D²PAK/I²PAK TO-220FP VGS Gate-source voltage ± 30 V ID Drain current (continuous) at TC = 25°C 12 12(1) 1. Limited only by maximum temperature allowed A ID Drain current (continuous) at TC=100°C 7.5 7.5(1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 48 48(1) A PTOT Total dissipation at TC = 25°C 160 35 W Derating Factor 1.28 0.28 W/°C VISO Insulation winthstand voltage (DC) -- 2500 V dv/dt(3) 3. ISD ≤12A, di/dt ≤400A/µs, VDD =80%V(BR)DSS Peak diode recovery voltage slope 15 V/ns TJ Tstg Operating junction temperature Storage temperature -65 to 150 °C Table 2. Thermal data Symbol Parameter Value Unit TO-220/D²PAK/ I² PAK TO-220FP Rthj-case Thermal resistance junction-case Max 0.78 3.57 °C/W Rthj-a Thermal resistance junction-ambient Max 62.5 °C/W Tl Maximum lead temperature for soldering purpose 300 °C Table 3. Avalanche characteristics Symbol Parameter Value Unit IAS Avalanche current, repetitive or not-repetitive (pulse width limited by Tj Max) 6A EAS Single pulse avalanche energy (starting Tj=25°C, Id=Iar, Vdd=50V) 400 mJ |