전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QST104 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 QST104
상세설명  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 11Page - STMicroelectronics QST104 Datasheet HTML 12Page - STMicroelectronics QST104 Datasheet HTML 13Page - STMicroelectronics QST104 Datasheet HTML 14Page - STMicroelectronics QST104 Datasheet HTML 15Page - STMicroelectronics QST104 Datasheet HTML 16Page - STMicroelectronics QST104 Datasheet HTML 17Page - STMicroelectronics QST104 Datasheet HTML 18Page - STMicroelectronics QST104 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
QST104
Device operating modes
15/45
Output mode option
The QST104 offers several outputs mode to fit any existing application.
Table 7.
Output mode (OM) truth table
OPT6/OM
Description
VSS
Individual key state output mode: One output per sensing channel
VDD
BCD output mode: Binary-coded touched key number (see Table 8)(1)
1.
In BCD mode, the AKS function is always active.
Table 8.
Binary code truth table
KOUT4 KOUT3 KOUT2 KOUT1
Description
0
0
0
0
All released
0
0
0
1
Key 1 pressed
0
0
1
0
Key 2 pressed
0
0
1
1
Key 3 pressed
0
1
0
0
Key 4 pressed
Other
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45