전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2240 데이터시트(PDF) 10 Page - SMSC Corporation

부품명 USB2240
상세설명  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 데이터시트(HTML) 10 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 6Page - SMSC Corporation USB2240 Datasheet HTML 7Page - SMSC Corporation USB2240 Datasheet HTML 8Page - SMSC Corporation USB2240 Datasheet HTML 9Page - SMSC Corporation USB2240 Datasheet HTML 10Page - SMSC Corporation USB2240 Datasheet HTML 11Page - SMSC Corporation USB2240 Datasheet HTML 12Page - SMSC Corporation USB2240 Datasheet HTML 13Page - SMSC Corporation USB2240 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
10
SMSC USB2240/USB2241
DATASHEET
Table 3.2 USB2241 36-Pin QFN Package
MS/SD INTERFACE (14 PINS)
SD_D1 /
MS_D5
SD_D0 /
MS_D4
SD_D7 /
MS_D6
SD_D6 /
MS_D7
SD_CLK /
MS_BS
SD_D5 /
MS_D1
SD_CMD /
MS_D0
SD_D4 /
MS_D2
SD_D3 /
MS_D3
SD_D2
GPIO6 (SD_WP) /
MS_SCLK
GPIO12 (MS_INS)
GPIO14
GPIO15 (SD_nCD)
USB INTERFACE (7 PINS)
USB+
USB-
RBIAS
VDDA33
VDD18PLL
XTAL1 (CLKIN)
XTAL2
MISC (11 Pins)
nRESET
GPIO2 / RXD / SDA
GPIO4
GPIO7 / TXD / SCK /
MS_SKT_SEL
TEST
GPIO1 (LED1)
GPIO10 (CRD_PWR)
(4) NC
DIGITAL, POWER (4 PINS)
(3) VDD33
(1) VDD18
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28