전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54HCT574F1R 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M54HCT574F1R
상세설명  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HCT564 INVERTING - HCT574 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT574F1R 데이터시트(HTML) 5 Page - STMicroelectronics

  M54HCT574F1R Datasheet HTML 1Page - STMicroelectronics M54HCT574F1R Datasheet HTML 2Page - STMicroelectronics M54HCT574F1R Datasheet HTML 3Page - STMicroelectronics M54HCT574F1R Datasheet HTML 4Page - STMicroelectronics M54HCT574F1R Datasheet HTML 5Page - STMicroelectronics M54HCT574F1R Datasheet HTML 6Page - STMicroelectronics M54HCT574F1R Datasheet HTML 7Page - STMicroelectronics M54HCT574F1R Datasheet HTML 8Page - STMicroelectronics M54HCT574F1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
VOH
High Level
Output Voltage
4.5
VI =
VIH
or
VIL
IO=-20
µA
4.4
4.5
4.4
4.4
V
IO=-6.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
0.1
V
IO= 6.0 mA
0.17
0.26
0.33
0.4
II
Input Leakage
Current
5.5
VI =VCC or GND
±0.1
±1
±1
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
80
µA
∆ICC
Additional worst
case supply
current
5.5
Per Input pin
VI = 0.5V or
VI = 2.4V
Other Inputs at
VCC or GND
IO=0
2.0
2.9
3.0
mA
M54/M74HCT564/574
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13