전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO1413CMP10 데이터시트(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO1413CMP10
상세설명  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 데이터시트(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
9
9. Function Description
The DIO1413/1414 are temperature sensor chips compatible with SMBus (or I2C) communication protocols. The
chips can monitor the internal temperature and can also monitor two or three external channels. The DIO1413
monitors two external channels, both of which support both PNP and diode-connected NPN. The DIO1414
monitors three external channels. For DIO1414, external channel 1 can support both PNP and diode-connected
NPN temperature monitoring, while external channels 2 and 3 only support diode-connected NPN. The
_____
ALERT
or
______
THERM/ADDR pins can be asserted to achieve two levels of over-temperature alarm.
9.1. Operating modes
The DIO1413/1414 have two operating modes, standby and active.
In the standby mode, the chips support SMBus and I2C but does not conduct consecutive temperature detection.
Every time the one shot register is written (see section 12.7), the device detects all temperature channels for
once. After the temperature detection is completed, the device enters the standby mode again.
In the active mode, the chips perform consecutive temperature detection and updates the temperature data in
the registers and the value of the status register (see section 12.2) in real-time. This is the default state.
9.2. External temperature detection
The DIO1413/1414 can automatically detect whether the externally connected BJT is NPN or PNP. If the BJT is
PNP, the chips will automatically detect the beta value of PNP to configure the appropriate working state, so as
to achieve the high accuracy of temperature measurement (see section 12.1).
When the external PNP for temperature monitoring is a parasitic PNP with a low beta value, which will greatly
affect the accuracy of temperature measurement, the Beta Compensation will be enabled to reduce the
temperature errors. For the DIO1414, external channels 2 and 3 do not support Beta Compensation.
In applications, the temperature measurement accuracy may be affected by the series resistance introduced by
the long trace on the PCB and the welding resistance at the ports. The Resistance Error Correction integrated
into the DIO1413/1414 can minimize the temperature errors caused by these series resistance.
The non-ideal factor, η, varies with different types of BJTs will also affect the accuracy of external temperature
measurement. The DIO1413/1414 have individual non-ideal factor configuration register for each channel (see
section 12.3), the value of which can be programmed by the user to obtain accuracy temperature monitoring.
9.3. Over-temperature alarm
The DIO1413/1414 have
______
THERM/ADDR output pin and
_____
ALERT output pin for over-temperature alarm or fault
event. Both
______
THERM/ADDR pin and
_____
ALERT pins are open-drain outputs and require pull-up resistors.
9.3.1.
_____
ALERT pin
The
_____
ALERT pin is an open-drain output, so that a pull-up resistor is needed. It has two modes of operation,
named “Interrupt mode” and “Comparator mode”, which can be selected via the ALERT/COMP bit in the
Configuration Register (see section 12.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39