| 전자부품 데이터시트 검색엔진 |
|
M58MR016D 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58MR016D 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 51 page ![]() 37/51 M58MR016C, M58MR016D Table 30. Write AC Characteristics, Chip Enable Controlled (TA = –40 to 85 °C; VDD = VDDQ = 1.7V to 2.0V) Symbol Alt Parameter M58MR016 Unit 100 120 Min Max Min Max tAVAV tWC Address Valid to Next Address Valid 100 120 ns tAVLH Address Valid to Latch Enable High 10 10 ns tDVEH tDS Input Valid to Chip Enable High 40 40 ns tEHDX tDH Chip Enable High to Input Transition 0 0 ns tEHEL tCPH Chip Enable High to Chip Enable Low 30 30 ns tEHWH tWH Chip Enable High to Write Enable High 0 0 ns tELEH tCP Chip Enable Low to Chip Enable High 60 60 ns tELLH Chip Enable Low to Latch Enable High 10 10 ns tGHLL Output Enable High to Latch Enable Low 20 20 ns tLHAX Latch Enable High to Address Transition 10 10 ns tLHEH Latch Enable High to Chip Enable High 10 10 ns tLLLH Latch Enable Pulse Width 10 10 ns tVDHEL tVCS VDD High to Chip Enable Low 50 50 µs tVPPHEH VPP High to Chip Enable High 200 200 ns tEHVPPL Chip Enable High to VPP Low 200 200 ns tEHWPV Chip Enable High to Write Protect Valid 200 200 ns tWLEL tWS Chip Enable Low to Chip Enable Low 0 0 ns tWPVEH Write Protect Valid to Chip Enable High 200 200 ns |