전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO2186CST5 데이터시트(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO2186CST5
상세설명  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186CST5 데이터시트(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186CST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
15
these resistors as small as possible. This circuit limits only short-term transients. This combination uses the
least amount of board space.
Figure 14. Transient protection using dual zener diodes
When low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and
back-to-back diodes between the device inputs.
Figure 15. Transient protection using a single transzorb and input clamps
9.5. Typical applications
The DIO2186 features low input bias current, which allows small-value current monitoring. To monitor
accurately currents in the microamp range, it is recommended to increase the sense resistor value, so the
sense voltage can be increased. Therefore, the error introduced by the offset voltage is small. It is shown
below that the circuit configuration for monitoring low-value currents. As a result of the differential input
impedance of the DIO2186, the recommended value of RShunt is ≤ 500 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25