| 전자부품 데이터시트 검색엔진 |
|
DIO2212MP8 데이터시트(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2212MP8 데이터시트(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
6 / 16 page ![]() DIO221X Version 1.1, Feb 2024 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD. 3 4. ESD Ratings When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses sufficient energy, damage might occur to the device due to localized overheating. Model Standard Value Unit Human-body model ANSI/ESDA/JEDEC JS-001 ±2000 V 5. Thermal Considerations The thermal resistance determines the heat insulation property of a material. The higher the thermal resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of semiconductor components. Symbol Parameter Value Unit SOIC-8 MSOP-8 RθJA Junction-to-ambient thermal resistance 130 162 °C/W RθJC(top) Junction-to-case (top) thermal resistance 50 38 °C/W |