전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7112963 데이터시트(PDF) 3 Page - Whirlpool.

부품명 7112963
상세설명  How to install, operate and maintain your Demand Controlled Water Softener
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WHIRLPOOL [Whirlpool.]
홈페이지  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

7112963 데이터시트(HTML) 3 Page - Whirlpool.

  7112963 Datasheet HTML 1Page - Whirlpool. 7112963 Datasheet HTML 2Page - Whirlpool. 7112963 Datasheet HTML 3Page - Whirlpool. 7112963 Datasheet HTML 4Page - Whirlpool. 7112963 Datasheet HTML 5Page - Whirlpool. 7112963 Datasheet HTML 6Page - Whirlpool. 7112963 Datasheet HTML 7Page - Whirlpool. 7112963 Datasheet HTML 8Page - Whirlpool. 7112963 Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Specifications & Performance Claims
Questions? Call Toll Free 1-866-986-3223 Monday- Friday, 8 AM - 7 PM EST
or visit www.ecodynewatertreatment.com
When you call, please be prepared to provide the model and serial number,
found on the rating decal, typically located on the rim below the salt lid hinges.
*Capacity to reduce clear water iron is substantiated by WQA test data. State of Wisconsin
requires additional treatment if water supply contains clear water iron exceeding 5 ppm.
**Canada working pressure limits: 1.4 - 7.0 kg/cm2.
This system conforms to NSF/ANSI 44 for the specific performance claims as verified and
substantiated by test data.
Variable Salt Dose: The salt dose is selected by the electronic controls at regeneration
time based on the amount needed.
Model WHES40
Model Code
LL40
Rated Softening Capacity (Grains @ Salt Dose)
11,900 @ 2.4 lbs.
31,600 @ 9.0 lbs.
40,000 @ 15.5 lbs.
Rated Efficiency (Grains/Pound of Salt @ Minimum Salt Dose)
4,958 @ 2.4 lbs.
Water Used During Regeneration @ Minimum Salt Dose
3.0 gal./1,000 grains
Total Water Used Per Regeneration @ Maximum Salt Dose
37.1 gallons
Rated Service Flow Rate
8.5 gpm
Amount of High Capacity Ion Exchange Resin
1.14 cu. ft.
Pressure Drop at Rated Service Flow
11.0 psig
Water Supply Max. Hardness
125 gpg
Water Supply Max. Clear Water Iron
10 ppm*
Water Pressure Limits (minimum / maximum)
20 - 125 psi**
Water Temperature Limits (minimum / maximum)
40 - 120 °F
Minimum Water Supply Flow Rate
3 gpm
Maximum Drain Flow Rate
2.0 gpm
Salt Storage Capacity
200 lbs.
This model is efficiency rated. The efficiency rating is valid only at the minimum salt dose. The softener has a
demand initiated regeneration (D.I.R.) feature that complies with specific performance specifications intended to min-
imize the amount of regenerant brine and water used in its operation.
This softener has a rated softener efficiency of not less than 3,350 grains of total hardness exchange per pound of
salt (based on sodium chloride) and shall not deliver more salt than its listed rating or be operated at a sustained
maximum service flow rate greater than its listed rating. This softener has been proven to deliver soft water for at
least ten continuous minutes at the rated service flow rate. The rated salt efficiency is measured by laboratory tests
described in NSF/ANSI Standard 44. These tests represent the maximum possible efficiency that the system can
achieve. Operational efficiency is the actual efficiency after the system has been installed. It is typically less than
the rated efficiency, due to individual application factors including water hardness, water usage, and other contami-
nants that reduce a softener's capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23