전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS6720 데이터시트(PDF) 10 Page - MOSA ELECTRONICS

부품명 MS6720
상세설명  3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSA [MOSA ELECTRONICS]
홈페이지  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6720 데이터시트(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6720 Datasheet HTML 4Page - MOSA ELECTRONICS MS6720 Datasheet HTML 5Page - MOSA ELECTRONICS MS6720 Datasheet HTML 6Page - MOSA ELECTRONICS MS6720 Datasheet HTML 7Page - MOSA ELECTRONICS MS6720 Datasheet HTML 8Page - MOSA ELECTRONICS MS6720 Datasheet HTML 9Page - MOSA ELECTRONICS MS6720 Datasheet HTML 10Page - MOSA ELECTRONICS MS6720 Datasheet HTML 11Page - MOSA ELECTRONICS MS6720 Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MOSA
MS6720
3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
10
www.mosanalog.com
Examples
Set Volume at –37.5dB.
MSB
ACK
Start
0
0
0
1
1
0
1
1
MS6720 Address
LSB
Stop
ACK
-30dB
-7.5dB
Data byte
Volume
Set Speaker RF at –30dB.
MSB
ACK
Start
1
0
1
1
0
0
1
0
MS6720 Address
LSB
Stop
ACK
-30dB
0dB
Speaker
RF
Data byte
Set Speaker RR in mute-on.
MSB
ACK
Start
1
1
1
1
1
1
1
1
MS6720 Address
LSB
Stop
ACK
Speaker
RR
Mute
Data byte
Set Stereo 2 Input with gain of +7.5dB
MSB
ACK
Start
0
1
0
0
0
1
1
1
MS6720 Address
LSB
Stop
ACK
+7.5dB
Stereo 2
Data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com