전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTJ3GLS 데이터시트(PDF) 2 Page - Clarke International

부품명 CTJ3GLS
상세설명  3 TONNE HEAVY DUTY LONG CHASSIS TROLLEY JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3GLS 데이터시트(HTML) 2 Page - Clarke International

  CTJ3GLS Datasheet HTML 1Page - Clarke International CTJ3GLS Datasheet HTML 2Page - Clarke International CTJ3GLS Datasheet HTML 3Page - Clarke International CTJ3GLS Datasheet HTML 4Page - Clarke International CTJ3GLS Datasheet HTML 5Page - Clarke International CTJ3GLS Datasheet HTML 6Page - Clarke International CTJ3GLS Datasheet HTML 7Page - Clarke International CTJ3GLS Datasheet HTML 8Page - Clarke International CTJ3GLS Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE 3 Tonne Heavy Duty Long Chassis Trolley
Jack.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
Model number
CTJ3GLS
Part number
7623085
Length (not including handle):
1305 mm
Width
322 mm
Height
305 mm
Height of lifting cup (minimum)
130 mm
Height of lifting cup (maximum)
600 mm
Weight
65 kg
Rated Load
3 tonne



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com