전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6930TST6 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6930TST6
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6930TST6 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6930TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6930TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO6930
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6930• V1.5
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 μH, COUT = 47 μF, TA = 25°C, IOUT = 1 A unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
4.5
24
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VREF
Feedback reference voltage
0.754
0.765
0.776
V
IFB
FB input current
VFB = 3.3 V
-50
50
nA
RDS(ON)
Top FET RON
80
mΩ
RDS(ON)
Bottom FET RON
40
mΩ
ILIM
Low side power FET current limit
3.0
4.0
A
VENH
EN rising threshold
1.5
V
VENL
EN falling threshold
0.4
V
VUVLO
VIN undervoltage unlock
threshold, rising
4.45
V
fSW
Switching frequency
500
kHz
Min on time
40
ns
Min off time
180
ns
tSS
Soft-start time
1
ms
TSD
Thermal shutdown temperature
148
°C
THYS
Thermal shutdown hysteresis
20
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com