전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC181M1R 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M74HC181M1R
상세설명  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC181M1R 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M74HC181M1R Datasheet HTML 5Page - STMicroelectronics M74HC181M1R Datasheet HTML 6Page - STMicroelectronics M74HC181M1R Datasheet HTML 7Page - STMicroelectronics M74HC181M1R Datasheet HTML 8Page - STMicroelectronics M74HC181M1R Datasheet HTML 9Page - STMicroelectronics M74HC181M1R Datasheet HTML 10Page - STMicroelectronics M74HC181M1R Datasheet HTML 11Page - STMicroelectronics M74HC181M1R Datasheet HTML 12Page - STMicroelectronics M74HC181M1R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Plastic DIP24 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
32.2
1.268
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
27.94
1.100
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
P043A
M74HC181
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13