| 전자부품 데이터시트 검색엔진 |
|
8LS 데이터시트(PDF) 5 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
8LS 데이터시트(HTML) 5 Page - Clarke International |
|
5 / 8 page ![]() 5 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com OPERATION 1. Unscrew the handle and pump assembly in order to fill the container with the desired liquid. 2. Screw the pump and handle assembly back on firmly. 3. Release the carrying lugs from the pump body by twisting the handle anticlockwise. 4. Pressurise the container by pumping the handle. 5. Squeeze the trigger to begin spraying. When the spray weakens, pump the handle to re- pressurise the container. 6. Push the trigger forward to lock in position to maintain a constant spray without needing to hold the trigger. Slide the trigger back to release. 7. Adjust the width of the spray by twisting the tip of the nozzle. 8. If leaks or poor delivery are experienced, always check the connections. 9. Push the pump handle downward and twist left or right to engage the carrying lugs in the cap when lifting the unit. AFTER USE After use, the sprayer should be flushed thoroughly with clean water to avoid the possibility of blockages from product residue or any cross-contamination between different products. Store in a cool place out of reach of children. If not used for long periods or used continuously for several days, add a light smear of vaseline to the sealing washers and moving parts to reduce wear and assist free movement. Always release any pressure before storage. |