전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7541WTR 데이터시트(PDF) 58 Page - STMicroelectronics

부품명 TDA7541WTR
상세설명  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR 데이터시트(HTML) 58 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 54Page - STMicroelectronics TDA7541WTR Datasheet HTML 55Page - STMicroelectronics TDA7541WTR Datasheet HTML 56Page - STMicroelectronics TDA7541WTR Datasheet HTML 57Page - STMicroelectronics TDA7541WTR Datasheet HTML 58Page - STMicroelectronics TDA7541WTR Datasheet HTML 59Page - STMicroelectronics TDA7541WTR Datasheet HTML 60Page - STMicroelectronics TDA7541WTR Datasheet HTML 61Page - STMicroelectronics TDA7541WTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
Software specification
TDA7541
58/76
Table 31.
Addr 15 IQ adjust / Switch (FM E7h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
PH<3:0>
00
0
0
-7 degree
00
0
1
-6 degree
00
1
0
-5 degree
--
-
-
-
0
1
1
1
0 degree
1
0
0
0
1 degree
1
0
0
1
2 degree
--
-
-
1
1
1
0
7 degree
1
1
1
1
8 degree
SW
0
S1 LOW output voltage
1
S1 HIGH output voltage
SWM
0
S1 emitter output available
1
S1 open collector output available
DSB<7:6>
0
0
FM demodulator spike cancelation ”OFF”
0
1
Threshold for FM demodulator spike cancelation 630mV
1
0
Threshold for FM demodulator spike cancelation 400mV
1
1
Threshold for FM demodulator spike cancelation 520mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com