| 전자부품 데이터시트 검색엔진 |
|
ACTF46 데이터시트(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF46 데이터시트(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 7 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com 1. Scope This specification covers the characteristics of the following SAW Duplexer used for the cordless phones: 2. Package Type: ACTF46-49/46.79-49.83/W2 3. Characteristics 3.1 Maximum Rating Rating Value Unit Operable Temperature Range TA -10 to +65 °C Storage Temperature Range Tstg -40 to +85 °C DC Voltage (between any terminals) VDC 0 V Source power PS 15 dBm Issue : 1 C1 Date : SEPT 04 |
유사한 부품 번호 - ACTF46 |
|
유사한 설명 - ACTF46 |