전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72681/R21 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 ST72681/R21
상세설명  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681/R21 데이터시트(HTML) 4 Page - STMicroelectronics

  ST72681/R21 Datasheet HTML 1Page - STMicroelectronics ST72681/R21 Datasheet HTML 2Page - STMicroelectronics ST72681/R21 Datasheet HTML 3Page - STMicroelectronics ST72681/R21 Datasheet HTML 4Page - STMicroelectronics ST72681/R21 Datasheet HTML 5Page - STMicroelectronics ST72681/R21 Datasheet HTML 6Page - STMicroelectronics ST72681/R21 Datasheet HTML 7Page - STMicroelectronics ST72681/R21 Datasheet HTML 8Page - STMicroelectronics ST72681/R21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Introduction
ST72681
4/32
1
Introduction
The ST72681 is a USB 2.0 high-speed Flash drive controller. The USB 2.0 high-speed
interface including PHY and function supports USB 2.0 mass storage device class.
The mass storage controller interface (MSCI) combined with the Reed-Solomon
encoder/decoder on-the-fly correction (4-byte on 512-byte data blocks) provides a flexible,
high transfer rate solution for interfacing a wide of range NAND Flash memory device types.
The internal 60 MHz PLL driven by the 12 MHz oscillator is used to generate the 480 MHz
frequency for the USB 2.0 PHY.
The ST7 8-bit CPU runs the application program from the internal ROM and RAM. USB data
and patch code are stored in internal RAM.
I/O ports provide functions for EEPROM connection, LEDs and write protect switch control.
The internal 3.3 to 1.8 V voltage regulator provides the 1.8 V supply voltage to the digital
part of the circuit.
Figure 1.
Device block diagram
USB 2.0
USB 2.0
Function
Mass
Controller
PHY
Storage
Interface
Reed-
Solomon
Error
Correction
NAND
I/F
8-bit
CPU
ROM
RAM
3.3 V to 1.8 V
voltage
GPIO
12 MHz
OSC
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32