| 전자부품 데이터시트 검색엔진 |
|
M74HC51TTR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC51TTR 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() M74HC51 2/9 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE TRUTH TABLE X : Don’t Care ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°Cto 85°C PIN No SYMBOL NAME AND FUNCTION 1, 12, 13, 9, 10, 11 1A to 1F Data Inputs 2, 3, 4, 5 2A to 2D Data Inputs 8, 6 1Y to 2Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage 1A 1B 1C 1D 1E 1F 1Y HH HX X X L X X X HHH L ALL OTHER COMBINATIONS H 2A 2B 2C 2D 2Y HH X X L XX H H L ALL OTHER COMBINATIONS H Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C |