| 전자부품 데이터시트 검색엔진 |
|
STP16DP05MTR 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16DP05MTR 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 29 page ![]() STP16DP05 Electrical ratings 5/29 2.3 Recommended operating conditions Table 6. Recommended operating conditions Symbol Parameter Test conditions Min Typ Max Unit VDD Supply voltage 3.0 5.5 V VO Output voltage 20 V IO Output current OUTn 5 100 mA IOH Output current SERIAL-OUT +1 mA IOL Output current SERIAL-OUT -1 mA VIH Input voltage 0.7VDD VDD+0.3 V VIL Input voltage -0.3 0.3VDD V twLAT LE\DM1 pulse width VDD = 3.0 V to 5.0 V 20 ns twCLK CLK pulse width 20 ns twEN OE\DM2 pulse width 200 ns tSETUP(D) Setup time for DATA 20 ns tHOLD(D) Hold time for DATA 15 ns tSETUP(L) Setup time for LATCH 15 ns fCLK Clock frequency Cascade operation (1) 1. If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please consider the timings carefully. 30 MHz |