전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT9200WC 데이터시트(PDF) 1 Page - Advanced Crystal Technology

부품명 ACT9200WC
상세설명  low profile SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACT [Advanced Crystal Technology]
홈페이지  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9200WC 데이터시트(HTML) 1 Page - Advanced Crystal Technology

  ACT9200WC Datasheet HTML 1Page - Advanced Crystal Technology ACT9200WC Datasheet HTML 2Page - Advanced Crystal Technology ACT9200WC Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
SPECIFICATION
Supply Current (max)
Iop
Rise & Fall Time (max)
TrTf
Enable output
Enable output
Disable output : High Impedance
240 Deg C for 10sec max
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
@25Deg C
Tosc
±3ppm p / year @ 25 Deg C
Reflow
Fa
Start-up Time
Aging
Supply Voltage
Temp Operating Range
Frequency Range
Frequency Stability
±100ppm
-20 ~ +70°C ( -40~85 °C Custom Option )
VDD
fo
3.3VDC ± 10%
Output Level ‘1’
Duty Cycle
45/55%
Tri-state Input Voltage
VOH
ACT9200WC
Specification
Parameter
Symb.
The ACT9200 family is a miniature, low profile SMD package, with a ceramic base
utilising a seam welded metal lid for high reliability and better long-term stability. The
metal lid is grounded through the package to assist with EMI emission reductions. This
7x5mm device is available as the ACT9200 in both 3V3 and 5V0. 1V8 and 2V5 versions
are available as ACT9200L (See ACT9200L data sheet). Taped and reeled packaging
(1k reels) and loose quantities are available for purchase, to suit high and low volume
production.
( The ACT9200WC is the 32.768kHz version of the ACT9200 family. )
Temp Storage Range
VOL
Δf/fo
Topr
Tstg
Output Level ‘0’
Tw/t
32.768kHz
2.0mA max
100nS max
2.4VDC min (TTL)
90% VDD min (HCMOS)
0.4VDC max (TTL)
10% VDD max (HCMOS)
-55 to +125°C
Condition
Output Load
10TTL / 15pF
10mS max
VIL :
≤10% of V
DD
No Connection
VIH :
≥90% of V
DD
N/CL
ISO9001: 2000 Registered
Period Jitter (absolute)
Tj
3430pS max
Customer to Specify : Frequency Stability, Operating Temperature Range, Output Type, Output enable, Voltage, Duty Cycle
Please note that all parameters can not necessarily be specified in the same device
7.0 +
-0.2
6.45
6.2
5.08
1.2
2.6
+
-
+
-
+
- 0.2
5.0 +
- 0.2
Suggested Footprint
#1
#4
2.0
4.2
5.08
Dimensions in mm
1.6
Pin connections
#1
#2
#3
Ground
Output
Vdd
#4
NC or Tri-State
0.2
0.2
#2
1.4
1.8
1.70 max
APPLICATIONS
- Microprocessor clock
- PDA / notebook
- Wireless applications
- Audio
- Gigabit ethernet
- Fibre channel
- Instrumentation
Issue : 4 SKr
Date : 15/02/05
Pad surface
Material Au
NOTE1: To reduce HF power supply noise, an
external bypass capacitor of 0.01µF close to
ground and Vdd is recommended.


유사한 부품 번호 - ACT9200WC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ACT9200WC ETC2-ACT9200WC Datasheet
126Kb / 3P
miniature, low profile SMD Microprocessor clock
More results

유사한 설명 - ACT9200WC

제조업체부품명데이터시트상세설명
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
Low Profile SMD Crystal
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306_10 Datasheet
237Kb / 1P
LOW PROFILE SMD
MC-146 EPSONTOYOCOM-MC-146_10 Datasheet
177Kb / 1P
LOW PROFILE SMD
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
11.30.10
logo
MMD Components
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
Low Profile SMD Package
MTSS3 MMD-MTSS3 Datasheet
134Kb / 2P
Low Profile SMD Device
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
Low Profile SMD Crystal
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com