| 전자부품 데이터시트 검색엔진 |
|
ACT9300SSC 데이터시트(PDF) 6 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACT9300SSC 데이터시트(HTML) 6 Page - Advanced Crystal Technology |
|
6 / 6 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 email : info@actcrystals.com REEL TAPE In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:2 M6 Date:26/10/05 H+0.1-0 mm 5.5 3.8 1.8 8.0 16.0 4.0 2.0 1.5 N±1.0 62 E±0.1 F±0.1 G±0.05 A±0.1 B±0.1 C±0.1 D±1.0 T±0.1 16.5 20.5 180 ACT9300SSC TAPE & REEL SPECIFICATIONS 20.2 13 G±2.0 mm ISO9001: 2000 Registered 2.2 A B±0.5 D±1.0 C±0.2 6 of 6 |