| 전자부품 데이터시트 검색엔진 |
|
RA4M2 데이터시트(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M2 데이터시트(HTML) 23 Page - Renesas Technology Corp |
|
23 / 93 page ![]() Table 2.4 I/O VIH, VIL (2 of 2) Parameter Symbol Min Typ Max Unit Schmitt trigger input voltage Peripheral function pin IIC (except for SMBus) VIH VCC × 0.7 — VCC + 3.6 (max 5.8) V VIL — — VCC × 0.3 ΔVT VCC × 0.05 — — 5 V-tolerant ports*1 *5 VIH VCC × 0.8 — VCC + 3.6 (max 5.8) VIL — — VCC × 0.2 ΔVT VCC × 0.05 — — RTCIC0, RTCIC1, RTCIC2 When using the Battery Backup Function When VBATT power supply is selected VIH VBATT × 0.8 — VBATT + 0.3 VIL — — VBATT × 0.2 ΔVT VBATT × 0.05 — — When VCC power supply is selected VIH VCC × 0.8 — Higher voltage either VCC + 0.3 V or VBATT + 0.3 V VIL — — VCC × 0.2 ΔVT VCC × 0.05 — — When not using the Battery Backup Function VIH VCC × 0.8 — VCC + 0.3 VIL — — VCC × 0.2 ΔVT VCC × 0.05 — — Other input pins*2 VIH VCC × 0.8 — — VIL — — VCC × 0.2 ΔVT VCC × 0.05 — — Ports 5 V-tolerant ports*3 *5 VIH VCC × 0.8 — VCC + 3.6 (max 5.8) V VIL — — VCC × 0.2 Other input pins*4 VIH VCC × 0.8 — — VIL — — VCC × 0.2 Note 1. RES and peripheral function pins associated with Ports P205, P206, P400, P401, P407 to P415, and P708 (total 15 pins). Note 2. All input pins except for the peripheral function pins already described in the table. Note 3. Ports P205, P206, P400, P401, P407 to P415, and P708 (total 14 pins). Note 4. All input pins except for the ports already described in the table. Note 5. When VCC is less than 2.7 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage. RA4M2 Datasheet 2. Electrical Characteristics R01DS0367EJ0140 Rev.1.40 May 9, 2025 Page 23 of 93 |