| 전자부품 데이터시트 검색엔진 |
|
AS1105 데이터시트(PDF) 11 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1105 데이터시트(HTML) 11 Page - ams-OSRAM AG |
|
11 / 17 page ![]() www.ams.com/LED-Driver-ICs/AS1105 Revision 1.36 9 - 15 AS1105 Datasheet - Detailed Descr i p ti on Figure 6. Standard 7-segment LED Table 10. Intensity Register Format (address (hex) = 0xXA) Duty Cycle D7 D6 D5 D4 D3 D2 D1 D0 Hex Code 1/32 (min on) X X X X 0 0 0 0 0xX0 3/32 X X X X 0 0 0 1 0xX1 5/32 X X X X 0 0 1 0 0xX2 7/32 X X X X 0 0 1 1 0xX3 9/32 X X X X 0 1 0 0 0xX4 11/32 X X X X 0 1 0 1 0xX5 13/32 X X X X 0 1 1 0 0xX6 15/32 X X X X 0 1 1 1 0xX7 17/32 X X X X 1 0 0 0 0xX8 19/32 X X X X 1 0 0 1 0xX9 21/32 X X X X 1 0 1 0 0xXA 23/32 X X X X 1 0 1 1 0xXB 25/32 X X X X 1 1 0 0 0xXC 27/32 X X X X 1 1 0 1 0xXD 29/32 X X X X 1 1 1 0 0xXE 31/32 (max on) X X X X 1 1 1 1 0xXF Table 11. Scan-limit Register Format (address (hex) = 0xXB) Scan Limit Register Data Hex Code D7 D6 D5 D4 D3 D2 D1 D0 Display digit 0 only X X X X X 0 0 0 0xX0 Display digits 0 & 1 X X X X X 0 0 1 0xX1 Display digits 0 1 2 X X X X X 0 1 0 0xX2 Display digits 0 1 2 3 X X X X X 0 1 1 0xX3 A B C D E F G DP |