| 전자부품 데이터시트 검색엔진 |
|
AS1130-BTST 데이터시트(PDF) 35 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BTST 데이터시트(HTML) 35 Page - ams-OSRAM AG |
|
35 / 67 page ![]() Page 34 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Register Description A LEDA0 0x86 10000110 255 steps for intensity each single LED LEDA1 0x87 10000111 LEDA2 0x88 10001000 LEDA3 0x89 10001001 LEDA4 0x8A 10001010 LEDA5 0x8B 10001011 LEDA6 0x8C 10001100 LEDA7 0x8D 10001101 LEDA80x8E 10001110 LEDA9 0x8F 10001111 LEDA0 0x90 10010000 B LEDB0 0x91 1 0 0 1 0 0 0 1 255 steps for intensity each single LED LEDB1 0x92 1 0 0 1 0 0 1 0 LEDB2 0x93 1 0 0 1 0 0 1 1 LEDB3 0x94 1 0 0 1 0 1 0 0 LEDB4 0x95 1 0 0 1 0 1 0 1 LEDB5 0x96 1 0 0 1 0 1 1 0 LEDB6 0x97 1 0 0 1 0 1 1 1 LEDB7 0x98 1 0 0 1 1 0 0 0 LEDB8 0x99 1 0 0 1 1 0 0 1 LEDB9 0x9A 1 0 0 1 1 0 1 0 LEDBA 0x9B 1 0 0 1 1 0 1 1 Segment Address Data HE X A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 |