| 전자부품 데이터시트 검색엔진 |
|
AS3412 데이터시트(PDF) 48 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3412 데이터시트(HTML) 48 Page - ams-OSRAM AG |
|
48 / 85 page ![]() ams Datasheet Page 47 [v1-00] 2016-Apr-06 Document Feedback AS3412 − Detailed Description 2 Wire Serial Interface In order to configure the device using the evaluation software or a MCU the AS3412 features a serial two wire interface. The I²C address for the device can be found in Figure 60. Figure 60: I²C Slave Address I²C Slave Address Table: Shows the I²C address of the AS3412. Protocol Figure 61: I²C Serial Interface Symbol Definition Symbol Definition: The table shows the symbol definitions being used in the explanations for the data transfer between master and slave. 7 Bit I²C Address 8 Bit Read Address 8 Bit Write Address 0x47 0x8F 0x8E Symbol Definition RW Note S Start condition after stop R 1 bit Sr Repeated start R 1 bit DW Device address for write R 1000 1110b (8Eh) DR Device address for read R 1000 1111b (8Fh) WA Word address R 8 bit AAcknowledge W 1 bit NNo Acknowledge R 1 bit reg_data Register data/write R 8 bit data (n) Register data/read W 8 bit P Stop condition R 1 bit WA++ Increment word address internally R during acknowledge AS3412 (=slave) transmits data AS3412 (=slave) receives data |