전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO69301TST6 데이터시트(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO69301TST6
상세설명  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69301TST6 데이터시트(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO69301TST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69301TST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DIO69301
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO69301• V1.4
Pin Assignments
TSOT23-6
Figure 1 Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
GND
Power Ground
SW
Inductor pin. Connect this pin to the switching node of inductor.
VIN
Power Input
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage:
VOUT=0.765*(1+R1/R2).Add optional C2 (10pF~47pF) to speed up the transient response.
EN
Enable control. Pull high to turn on. Do not float.
BS
Bootstrap. Connect a capacitor and a resistor between SW and BS pins to form a floating supply
across the high-side switch driver. Recommend to use 0.1μF BS capacitor.
1
2
3
4
6
FB
SW
GND
VIN
BS
5
5
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com