전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO69319 데이터시트(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO69319
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO69319 데이터시트(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO69319 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO69319 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIO69319, Version 1.0, Jul 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
8
Table 2. Recommended Component Values
Output
voltage (V)
R2 (kΩ)
R3 (kΩ)
L1 (µH)
C5 + C6 (µF)
Min
Typ
Max
1
3.09
10.0
1
1.5
2.2
44 - 66
1.05
3.74
10.0
1
1.5
2.2
44 - 66
1.2
5.76
10.0
1
1.5
2.2
44 - 66
1.5
9.53
10.0
1
1.5
2.2
44 - 66
1.8
13.7
10.0
1
1.5
2.2
44 - 66
2.5
22.6
10.0
1.5
2.2
3.3
44 - 66
3.3
33.2
10.0
1.5
2.2
3.3
44 - 66
5
54.9
10.0
1.5
3.3
4.7
44 - 66
Because of the high integration in the DIO69319 IC, the application circuit based on this regulator IC is
rather simple. Only input capacitor CIN, output capacitor COUT, output inductor L, and feedback resistors (R1
and R2) need to be selected for the targeted application specifications.
9.2. Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light
loads, it is desirable to choose large resistance values for both R1 and R2. A value of between 10 k and 1 M
is highly recommended for both resistors. If VOUT is 3.3 V and R1 = 40.2 k is chosen, then R2 can be
calculated to be 12 k.
R2=
1
765
.
0
765
.
0
R
V
V
V
OUT
(1)
Figure 20. Feedback resistor dividers R1 and R2
9.3. Current protection
The output over-current limit (OCL) is implemented using a cycle-by-cycle valley detect and control circuit.
The switch current is monitored during the OFF state by measuring the low-side FET drain to source
voltage. This voltage is proportional to the switch current. To improve accuracy, the voltage sensing is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com