| 전자부품 데이터시트 검색엔진 |
|
AS1101 데이터시트(PDF) 11 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1101 데이터시트(HTML) 11 Page - ams-OSRAM AG |
|
11 / 15 page ![]() www.austriamicrosystems.com Revision 1.5 9 - 13 AS1101/AS1102/AS1103/AS1104 Data Sheet - Ap p lica tio n In fo r m a tio n 8 Application Information Figure 19. Typical Application Diagrams Setting the LED Current The current going into the LEDs is approximately OCMR times greater then the current ISET. LED current is controlled by VSET and RSET (see Figure 19) according to the formula: ILED = OCMR x (VSET - VCTRL)/RSET (EQ 1) For VSET = 3V and a specific LED current, the value of RSET can be determined using the graphs shown in Figure 9, Figure 10, and Figure 11 on page 7. For any other option, the value of ISET can be determined using the graph in Figure 3 on page 6. Note: LED brightness can also be adjusted by driving pin ENABLE or pin CTRL with a PWM signal. 4 Diode Control with Enable 3 Diode Control with Enable AS1103 4 Diode Control VIN AS1101 ISET 2 Diode Control with Enable VIN RSET ENABLE VSET (3V) VSAT GND GND CTRL I3/I4 I1/I2 ON ISET RSET VSET (3V) CTRL VSAT I1 I2 I3 I4 AS1102 ISET VIN RSET ENABLE VSET (3V) GND CTRL ON VSAT I1 I2 I3 AS1104 VIN GND VSAT I1 I2 I3 I4 ISET RSET ENABLE VSET (3V) CTRL ON |