| 전자부품 데이터시트 검색엔진 |
|
AS7038RB 데이터시트(PDF) 52 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB 데이터시트(HTML) 52 Page - ams-OSRAM AG |
|
52 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 51 SEQ_SECLED_STO (Address 0x37) Figure 49: SEQ_SECLED_STO Register Addr: 0x37 SEQ_SECLED_STO Bit Bit Name Default Access Bit Description 7:0 seq_secled_stop 0 RW Secondary LED stop time SEQ_ITG_STA (Address 0x38) Figure 50: SEQ_ITG_STA Register Addr: 0x38 SEQ_ITG_STA Bit Bit Name Default Access Bit Description 7:0 seq_itg_start 0 RW Integrator start time (start time=1 and stop time=0 means that it's - by default - always ON) Turning OFF the integrator actually means discharge the capacitor. This is only useful in capacitive integration mode, without the synchronous demodulator. The SEQ_ITG register sets the photoamplifier integration time. Data is stored as 16-bit value. SEQ_ITG_STO (Address 0x39) Figure 51: SEQ_ITG_STO Register Addr: 0x39 SEQ_ITG_STO Bit Bit Name Default Access Bit Description 7:0 seq_itg_stop 0 RW Integrator stop time |