| 전자부품 데이터시트 검색엔진 |
|
R7FA6T2AB3CFP 데이터시트(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CFP 데이터시트(HTML) 96 Page - Renesas Technology Corp |
|
96 / 101 page ![]() Table A3.2 Access cycles (3 of 3) Peripherals Address Number of access cycles ICLK = FCLK ICLK > FCLK*1 Cycle Unit Related function From To Read Write Read Write FLAD, FACI 0x407F_C000 0x407F_EFFF 5 4 2 to 5 2 to 4 FCLK Data Flash, Flash Application Command Interface Note 1. If the number of PCLK or FCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the maximum value is rounded up to the decimal point. For example, 1.5 to 2. 5 is 1 to 3. RA6T2 Datasheet Appendix 3. I/O Registers R01DS0400EJ0150 Rev.1.50 Jul 2, 2025 Page 96 of 101 |