전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACTF480-7 데이터시트(PDF) 2 Page - Advanced Crystal Technology

부품명 ACTF480-7
상세설명  one channel IF filter for DSB receivers with constant group delay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACT [Advanced Crystal Technology]
홈페이지  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF480-7 데이터시트(HTML) 2 Page - Advanced Crystal Technology

  ACTF480-7 Datasheet HTML 1Page - Advanced Crystal Technology ACTF480-7 Datasheet HTML 2Page - Advanced Crystal Technology ACTF480-7 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
4.Typical Frequency Response
5.Performance
5-1.Maximum Ratings
Rating
Value
Units
AC Voltage Between Any Two Pins
Vpp
5
V
DC Voltage Between Any Two Pins
VDC
0
V
Storage temperature range
Tstg
-40 to +85
°C
Operable temperature range
TA
-25 to +85
°C
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3