| 전자부품 데이터시트 검색엔진 |
|
CMV8000 데이터시트(PDF) 83 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 데이터시트(HTML) 83 Page - ams-OSRAM AG |
|
83 / 90 page ![]() Document Feedback CMV8000 Application Information Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 82 9 Application Information 9.1 Color Filters A color version of the CMV8000 is available that has a Bayer pattern applied to the pixels. The pixel on channel 1 which is available for read-out first, has the red filter applied. Figure 136: Bayer Pattern Layout 9.2 Socket To avoid putting the sensor through the soldering heat (stressing the color filters and micro-lenses), it is advised to use a socket and place the sensor after the solder stage. Sockets for this device are available from Andon Electronics (www.andonelectronics.com). The following part numbers are available: ● Thru-hole: IS232-848107T-400T4-R27-L14 ● SMD: IS232-848107T-414T4-R27-L14 ● Rollerball®: IS232-848107T-RB501T4-R27-L14 For more information, contact Andon Electronics directly. Pixel (0,0) R G R G G B G B R G R G G B G B columns 0 1 2 3 0 1 2 3 |